PART |
Description |
Maker |
WS57C49C WS57C49C-25D WS57C49C-25J WS57C49C-25S WS |
THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:5R; Tolerance, resistance:20%; Beta value:2900; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes CURRENT LIMITER INRSH 33 OHM 20% THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:2.5R; Tolerance, resistance: /-20%; Beta value:2800; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Temp, op. RoHS Compliant: Yes CURRENT LIMITR INRSH 4.7 OHM 20% CURRENT LIMITR INRSH 2.5 OHM 20% 高K的8的CMOS胎膜早破/ RPROM HIGH SPEED 8K x 8 CMOS PROM/RPROM 高K的8的CMOS胎膜早破/ RPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
6MBP50NA060-01 |
IGBT-IPM NTC Thermistor; Resistance:10000ohm; Thermistor Tolerance: /- 10%; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
NTC16-102-F3950M NTC16-102-G3950M NTC16-102-H3950M |
NTC CHIP THERMISTOR
|
American Accurate Components, Inc.
|
B57703502G40 |
THERMISTOR NTC 负温度系数热敏电
|
Diodes, Inc.
|
B57867S104F140 |
THERMISTOR NTC 负温度系数热敏电
|
EPCOS AG
|
SCK13-055 SCK05-20X3 |
NTC Power Thermistor
|
NTC
|
MF11 |
Temperature Compensation NTC Thermistor
|
List of Unclassifed Manufacturers ETC
|
MF72-D11 MF72-D13 MF72-D15 MF72-D20 MF72-D25 MF72- |
MF72 Power NTC Thermistor
|
List of Unclassifed Manufacturers ETC Cantherm
|
SCK08102 |
(SCK Series) NTC Thermistor
|
TKS
|
K7N803601B K7N803649B-QC25 DS_K7N803601B K7M801825 |
512Kx36 & 1Mx18 Pipelined NtRAM 256Kx36 & 512Kx18-Bit Flow Through NtRAM 256Kx36 & 512Kx18-Bit Pipelined NtRAMTM THERMISTOR, NTC; Series:B572; Thermistor type:NTC; Resistance:5R; Tolerance, resistance:20%; Beta value:2800; Temperature, lower limit, beta value:25(degree C); Temperature, upper limit, beta value:100(degree C); Case RoHS Compliant: Yes 256Kx36 & 512Kx18-Bit Pipelined NtRAM 256Kx36
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
LTC4069-4.4 LTC4069EDC-4.4-PBF LTC4069EDC-4.4-TRPB |
Standalone 750mA Li-Ion Battery Charger in 2 × 2 DFN with NTC Thermistor Input Standalone 750mA Li-Ion Battery Charger in 2 】 2 DFN with NTC Thermistor Input
|
Linear Technology
|